Part Number Hot Search : 
02120 1N4148 5HA2D 25016 Y62138 25CV47BE M9564 TA79L010
Product Description
Full Text Search
 

To Download GBPC110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC1005 THRU GBPC110
FEATURES
* * * * * * * *
Plastic package has underwriters laboratory Flammability classification 94V-0 Glass passivated ship junction High case dielectric with standing voltage of 1500VRMS Tyoical IR less than 0.1A High surge current capability Ideal for printed circuit boards High temperature soldering guaranteed 260/10 seconds, 0.375" (9.5mm) lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
* * * *
Case: Epoxy, Molded Plastic body over passivated junctions Terminal: Plated leads solderable per MIL-STD-750 method 2026 Mounting position: Any (Note 1) Weight: 0.1 ounce, 2.8 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
Ratings at 25 ambient temperature unless otherwise specified SYMBOLS
GBPC 1005 GBPC 101 GBPC 102 GBPC 104 GBPC 106 GBPC 108 GBPC 110
UNIT Volts Volts Volts Amps Amps Volts A2s A
/W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward output current at TC=60(Note2) TA=25(Note3)
VRRM VRMS VDC I(AV) IFSM VF It IR RJL RJA TJ, TSTG
2
50 35 50
100 70 100
200 140 200
400 280 400 3.0 2.0 60 1.0 127 5.0 500 8.0 12 (-55 to +150)
600 420 600
800 560 800
1000 700 1000
Peak Forward Surge Current single half sine-wave superimposed on rated load (JEDEC method) TC=60 Maximum Instantaneous Forward Voltage Drop Per element at 1.5A Rating for Fusing (t8.3ms) Maximum Average Reverse Current at rated DC Blocking Voltage Typical Thermal Resistance per leg (NOTE 1) Operating and Storage Temperature Range TA = 25 TA = 125
Notes: 1. Bolt down on heatsink with silicon thermal compound between bridge and mounting surface for maximum heat transfer with #6 screw.
2. Unit mounted 1.0"*4.0"*0.11" think(10.5*10.5*0.3cm)A1.Plate 3. Unit mounted on P.C.B. at 0.375"(9.5mm) lead with 0.5"*0.5"(12*12mm) copper pads
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC1005 THRU GBPC110
RATINGS AND CHARACTERISTICS CURVES GBPC1005 THRU GBPC110
PEAK FORWARD SURGE CURRENT(A) FIG. 1 - DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT, CURRENT(A)
5.0
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
60 50 40 30 20 10
4.0 3.0 2.0
Case Temperature, Tc Heatsink Mounting 4.0x4.0x0.11" Thk (10.5x10.5x0.3 cm) AL. Plate 60 Hz Resistive or Inductive Load
TC=60 SINGLE SINE-WAVE
1.0
Ambient Temperature, P.C.B. Mounting 0.375" (9.5mm) Lead Length
0 50
TA
1.0 CYCLE
0 1 10 100
0
100
150
AMBIENT TEMPERATURE, FIG. 3 - TYPICAL FORWARD CHARACTERISTICS PER LEG
NUMBER OF CYCLES AT 60 Hz FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT(A)
50
20
INSTANTANEOUS FORWARD CURRENT (A)
10
10
TJ =125
1
TJ =25 PULSE WIDTH=300s 1% DUTY CYCLE
1
0.1
0.1
TJ =25
0.01
0
20
40
60
80
100
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
100
PERCENT OF RATED PEAK REVERSEVOLTAGE, %
FIG .6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE, (/W)
100
JUNCTION CAPACITANCE, pF
TJ =25 f=1.0 MHz Vsig=50mVp-p
10
10
1
1
0.1 0.01
0.1
1.0
10
100
0.1
1
10
100
REVERSE VOLTAGE,(V)
t, HEATING TIME, sec.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of GBPC110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X